PART |
Description |
Maker |
IRM-2738 |
INfrared Remote-contro Receiver Module 红外遥控接收模块治理技
|
Electronic Theatre Controls, Inc. Everlight Electronics ETC[ETC] List of Unclassifed Manufacturers
|
RPC2440 RPC1240 RPC1215 RPC1225 RPC4815 RPC4825 RP |
Proportional controller
|
Crydom Inc.,
|
DCM12-4N3 DCM12-4N3-15 DCM12-4P3 DCM12-6N3 DCM12-6 |
Proportional DC-DC High Voltage Modules
|
High Voltage Power Solu...
|
SWG50210 SWG50810 |
ONE PHASE CONTROLLER WITH PROPORTIONAL CONTROL 0 - 10V
|
celduc-relais
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
TC1046VNB TC1046 TC1046VNBTR |
High Precision Temperature-to-Voltage Converter The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 ... The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40C to 125C. The output voltage range for this device is typically
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
RPC2415 RPC1225 RPC1215 RPC2425 RPC2440 RPC4815 RP |
Solid State Proportional Controller 15-40 Amp, 120/240/480 Vac Output
|
Electronic Theatre Controls, Inc.
|
RIF-4-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-3-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket
|
PHOENIX CONTACT
|
RIF-3-RPT-LV-120AC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, plug-in display/suppressor module, and retaining bracket.
|
PHOENIX CONTACT
|
E5CS-RKJX E5CS-R1KJX E5CS-QKJX E5CS-Q1KJX E5CS-X |
Temperature Controller DIN-sized (4848 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
|
Omron Electronics LLC
|